Part Number Hot Search : 
03203 MH46TAD 2N111 S93C46 MBS034M FRL234R SP233 TA78L08S
Product Description
Full Text Search
 

To Download XC6368A302MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GO-Compatible
Input Voltage Range : 0.9~10.0V Output Voltage Range : 1.5~6.5V(2.5%) Oscillator Frequency : 300kHz(15%) PWM/PFM Switching Control (XC6368) High Efficiency : 84% (TYP.) SOT-25 Package
APPLICATIONS
Electronic information organizers Palmtops Cellular and portable phones Portable audio systems Various multi-function power supplies
GENERAL DESCRIPTION
The XC6367/68 series are multi-functional step-up DC/DC converter controllers with built-in high speed, low ON resistance drivers. Large output currents are possible using an externally connected transistor, coil, diode and capacitor. Output voltage is selectable in 100mV increments within a range of 1.5V ~ 6.5V (2.5%). For output voltages outside this range, we recommend FB version, which has a 1.0V internal reference voltage. Using the FB version, the required output voltage can be set-up using 2 external resistors. With a 300kHz oscillation frequency, the size of the external components can be reduced. Control switches from PWM to PFM during light loads with the XC6368 (PWM/PFM switchable) and the series is highly efficient from light loads to large output currents. Soft start time of XC6367/68A, B, and C series is internally set to 10msec and XC6367/68C, D, and F series regulate soft-start time by connecting resistors and capacitors externally. During stand-by (CE pin "Low"), supply current is reduced to less than 0.5A.
FEATURES
Input Voltage Range : 0.9V ~ 10V Operating Voltage Range : 2.0V ~ 10V Output voltage Range : 1.5V ~ 6.5V programmable in 100mV increments (2.5%) Oscillation Frequency : 300kHz, 100kHz (15%) Custom products for 180kHz, 500kHz Output Current High Efficiency Stand-by capability Selection : More than 200mA (VIN=1.8V, VOUT=3.3V) : 84% (TYP.) : ISTB=0.5A (MAX.) : Soft-start set-up external Output voltage set-up internal(VOUT) Output voltage set-up external(FB) Package : SOT-25
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
XC6367_6368 ETR0401_001.doc
553
XC6367/6368 Series
PIN CONFIGURATION
PIN ASSIGNMENT
PIN NUMBER XC6367/XC6368 A, B, C, D 5 2 4 3 E, F 5 4 1 EXT VDD GND CE : External Transistor Connection : Supply Voltage Input : Ground : Chip Enable (C, D, F Types: Soft Start External Set-Up, Soft Start Capacitor Connected) : Output Voltage Monitor (E, F Types: Output Voltage Monitor, Power Supply) (B, D Types: Output Voltage External Set-up) PIN NAME FUNCTION
1
2
VOUT (FB)
PRODUCT CLASSIFICATION
Selection Guide
START Soft-Start Internally Set-Up
Output Voltage Internally Set-Up (VOUT)
VOUT=VDD pin
XC6367A,XC6368A XC6367E,XC6368E XC6367B,XC6368B
Output Voltage Externally Set-Up (FB)
Soft-Start Externally Set-Up
Output Voltage Internally Set-Up (VOUT)
VOUT=VDD pin
XC6367C,XC6368C XC6367F,XC6368F XC6367D,XC6368D
Output Voltage Externally Set-Up (FB)
554
XC6367/6368
Series
PRODUCT CLASSIFICATION (Continued)
Ordering Information
XC6367 XC6368 DESIGNATOR PWM Control PWM/PFM Switching Control DESCRIPTION SYMBOL A B Type of DC/DC Converter C D E F 15 ~ 65 Output Voltage 10 3 Oscillation Frequency 1 2 5 Package Device Orientation M R L : FB type (B, D types): 10 fixed =1, =0 fixed : 300kHz : 100kHz : 180kHz (Custom) : 500kHz (Custom) : SOT-25 (SOT-23-5) : Embossed tape, standard feed : Embossed tape, reverse feed DESCRIPTION : VOUT type: VOUT internally set-up, Soft-start internally set-up : FB type: VOUT externally set-up, Soft-start internally set-up : VOUT type: VOUT internally set-up, Soft-start externally set-up : FB type: VOUT externally set-up, Soft-start externally set-up : VOUT type: VOUT internally set-up, Soft-start internally set-up : VOUT type: VOUT internally set-up, Soft-start externally set-up : VOUT type: 3.0V output =3, =0
PACKAGING INFORMATION
SOT-25
0.15 -0.05 0.4
+0.1 -0.05 +0.1
00.1
2.80.2
1.6 -0.1
+0.2
0.95 1.90.2 2.90.2
1.10.1
min 0.2
555
XC6367/6368 Series
MARKING RULE
XC6367/6368 Series
Represents product series MARK A B C D E F PRODUCT SERIES XC6367A XC6367B XC6367C XC6367D XC6367E XC6367F MARK K L M N P R PRODUCT SERIES XC6368A XC6368B XC6368C XC6368D XC6368E XC6368F
SOT-25 (TOP VIEW)
Represents integer of output voltage and oscillation frequency OUTPUT VOLTAGE (V) 1 2 3 4 5 6 FOR CUSTOM PRODUCT 100 B C D E F H OSCILLATION FREQUENCY (kHz) 180 300 1 2 3 4 5 6 S 1 2 3 4 5 6 500 B C D E F H
Represents decimal number of output voltage and oscillation frequency OUTPUT VOLTAGE (V) 0 1 2 3 4 5 6 7 8 9 100 0 1 2 3 4 5 6 7 8 9 OSCILLATION FREQUENCY (kHz) 180 300 0 1 2 3 4 5 6 7 8 9 A B C D E F H K L M 500 A B C D E F H K L M
Represents production lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
556
XC6367/6368
Series
BLOCK DIAGRAMS
XC6367, XC6368 Series A, C, E, F types (VOUT)
VOUT Error Amp. + -
Phase Compensation PWM Comparator + Buffer, Driver
VDD
EXT
CE
Vre with Soft Start, CE
PWM/PFM Controller
Ramp Wave Generator, OSC
GND
Note : Connecting VOUT and VDD internally with E F types.
XC6367, XC6368 Series B,D types (FB)
Phase Compensation Error Amp. FB + PWM Comparator + Buffer, Driver
VDD
EXT
CE
Vref with Soft Start, CE
PWM/PFM Controller
Ramp Wave Generator, OSC
GND
557
XC6367/6368 Series
ABSOLUTE MAXIMUM RATINGS
PARAMETER VDD Pin Voltage VOUT Pin Voltage FB Pin Voltage CE Pin Voltage EXT Pin Voltage EXT Pin Current Power Dissipation Operating Temperature Range Storage Temperature Range *Voltage is all ground standardized. SYMBOL VDD VOUT VFB VCE VEXT IEXT Pd Topr Tstg RATINGS -0.3 ~ +12.0 -0.3 ~ +12.0 -0.3 ~ +12.0 -0.3 ~ +12.0 -0.3 ~ VDD+0.3 100 150 -30 ~ +80 -40 ~ +125 Ta = 25 UNITS V V V V V mA mW
ELECTRICAL CHARACTERISTICS
XC6367A333MR, XC6368A333MR PARAMETER Output Voltage Supply Voltage (* 1) Maximum Input Voltage Oscillation Start Voltage 1 Oscillation Start Voltage 2 Oscillation Hold Voltage Supply Current 1 Supply Current 2 Stand-by Current Oscillator Frequency Maximum Duty Ratio PFM Duty Ratio (* 3) CE "High" Voltage CE "Low" Voltage EXT "High" ON Resistance EXT "Low" ON Resistance Efficiency (* 2) Soft-Start Time SYMBOL VOUT VDD VIN VST1 VST2 VHLD IDD1 IDD2 ISTB FOSC MAXDTY PFMDTY VCEH VCEL REXTH REXTL EFFI TSS CONDITIONS VOUT=3.3V, FOSC=300kHz, Ta=25 MIN. 3.218 2.0 10.0 255 78 15 0.65 5 TYP. 3.300 130 20 300 85 25 29 19 84 10 MAX. 3.383 10.0 0.9 0.8 0.7 200 35 0.5 345 92 35 0.20 43 27 20 UNITS V V V V V V A A A kHz % % V V % msec
Tr: 2SD1628, IOUT=1.0mA VOUT=CE: Apply voltage Tr: Use of a 2SX1628, IOUT=1.0mA VOUT=CE=setting output voltage x 0.95 VOUT=CE=setting output voltage + 0.5V VOUT=setting output voltage x 0.95, CE=0V Same as IDD1 Same as IDD1 IOUT=0mA VOUT=setting output voltage x0.95 VOUT=setting output voltage x0.95 Same as IDD1, VEXT=VOUT-0.4V Same as IDD1, VEXT=0.4V
Conditions: Unless otherwise stated, connect VDD to VOUT; VIN=setting output voltage x 0.6, IOUT=130mA NOTE: * 1: When taking VDD from another power source please ensure that VDD = 2.0V or more. Oscillation will occur with a value of VDD = 0.8V or more, but with a value of VDD = 2.0V or more, output voltage and oscillation frequency will be stable. * 2: EFFI = {[(output voltage) x (output current)]/[(input voltage) x (input current)] x 100 * 3: Applies to the XC6368 series only (duty ratio when control changes to PFM).
558
XC6367/6368
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6367A503MR, XC6368A503MR PARAMETER Output Voltage Supply Voltage (* 1) Maximum Input Voltage Oscillation Start Voltage 1 Oscillation Start Voltage 2 Oscillation Hold Voltage Supply Current 1 Supply Current 2 Stand-by Current Oscillation Frequency Maximum Duty Ratio PFM Duty Ratio (* 3) CE "High" Voltage CE "Low" Voltage EXT "High" ON Resistance EXT "Low" ON Resistance Efficiency (* 2) Soft-Start Time SYMBOL VOUT VDD VIN VST1 VST2 VHLD IDD1 IDD2 ISTB FOSC MAXDTY PFMDTY VCEH VCEL REXTH REXTL EFFI TSS CONDITIONS VOUT=5.0V, FOSC=300kHz,Ta=25 MIN. 4875 2.0 10.0 255 78 15 0.65 5 TYP. 5.000 180 22 300 85 25 20 13 87 10 MAX. 5.125 10.0 0.9 0.8 0.7 280 38 0.5 345 92 35 0.20 29 19 20 UNITS V V V V V V A A A kHz % % V V % msec
Tr: 2SD1628, IOUT=1.0mA VOUT=CE : Apply voltage Tr: 2SD1628, IOUT=1.0mA VOUT=CE=setting output voltage x 0.95 VOUT=CE=setting output voltage + 0.5V VOUT=setting output voltage x 0.95, CE=0V Same as IDD1 Same as IDD1 IOUT=0mA VOUT=setting output voltage x0.95 VOUT=setting output voltage x0.95 Same as IDD1, VEXT=VOUT-0.4V Same as IDD1, VEXT=0.4V Connect RSS and CSS, CE:0V3.0V (XC6367C/F and XC6368C/F series)
Conditions: Unless otherwise specified, connect VDD to VOUT; VIN=setting output voltage x 0.6, IOUT=200mA NOTE: * 1: When taking VDD from another power source please ensure that VDD = 2.0V or more. Oscillation will occur with a value of VDD = 0.8V or more, but with a value of VDD = 2.0V or more, output voltage and oscillation frequency will be stable. * 2: EFFI = {[(output voltage) x (output current)]/[(input voltage) x (input current)] x 100 * 3: Applies to the XC6368 series only (duty ratio when control changes to PFM). * 4: The values of supply voltage and NOTE *1 do not apply to XC6367E/F and XC6368E/F series. For XC6367E/F and XC6368E/F series, output voltage less than 2.0V cannot be set-up.
559
XC6367/6368 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6367B103MR, XC6368B103MR PARAMETER Output Voltage Supply Voltage (* 1) Maximum Input Voltage Oscillation Start Voltage 1 Oscillation Start Voltage 2 Oscillation Hold Voltage Supply Current 1 Supply Current 2 Stand-by Current Oscillation Frequency Maximum Duty Ratio PFM Duty Ratio (* 3) CE "High" Voltage CE "Low" Voltage EXT "High" ON Resistance EXT "Low" ON Resistance Efficiency (* 2) Soft-Start Time SYMBOL VOUT VDD VIN VST1 VST2 VHLD IDD1 IDD2 ISTB FOSC MAXDTY PFMDTY VCEH VCEL REXTH REXTL EFFI TSS CONDITIONS VOUT=3.0V , FOSC=300kHz, Ta=25 MIN. TYP. MAX. UNITS 2.925 3.000 3.075 V 2.0 10.0 V 10.0 V 0.9 V 0.8 V 0.7 V 120 190 A 20 34 A 0.5 A 255 300 345 kHz 78 85 92 % 15 25 35 % 0.65 V 0.20 V 32 47 20 30 84 % 5 10 20 msec
Tr: 2SD1628, IOUT=1.0mA VDD=CE: Apply voltage, FB=0V Tr: 2SD1628, IOUT=1.0mA VDD=CE=2.85V,FB=0V VDD=CE=3.5V,FB=1.2V VDD=2.85V, CE=0V, FB=0V Same as IDD1 Same as IDD1 IOUT=0mA VDD=2.85V,FB=0V VDD=2.85V,FB=0V Same as IDD1, VEXT=VDD-0.4V Same as IDD1, VEXT=0.4V
Connect RSS and CSS, CE:0V3.0V (XC6367D/68D series)
Conditions: Unless otherwise stated, VIN=1.8V, IOUT=120mA External components : RFB1 = 400k, RFB2 = 200k, CFB = 47pF NOTE: * 1: When taking VDD from another power source please ensure that VDD = 2.0V or more. Oscillation will occur with a value of VDD = 0.8V or more, but with a value of VDD = 2.0V or more, output voltage and oscillation frequency will be stable. * 2: EFFI = {[(output voltage) x (output current)]/[(input voltage) x (input current)] x 100 * 3: Applies to the XC6368 series only (duty ratio when control changes to PFM).
560
XC6367/6368
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6367A331MR, XC6368A331MR PARAMETER Output Voltage Supply Voltage (* 1) Maximum Input Voltage Oscillation Start Voltage 1 Oscillation Start Voltage 2 Oscillation Hold Voltage Supply Current 1 Supply Current 2 Stand-by Current Oscillation Frequency Maximum Duty Ratio PFM Duty Ratio (* 3) CE "High" Voltage CE "Low" Voltage EXT "High" ON Resistance EXT "Low" ON Resistance Efficiency (* 2) Soft-Start Time SYMBOL VOUT VDD VIN VST1 VST2 VHLD IDD1 IDD2 ISTB FOSC MAXDTY PFMDTY VCEH VCEL REXTH REXTL EFFI TSS CONDITIONS VOUT=3.3V, FOSC=100kHz, Ta=25 MIN. 3.218 2.0 10.0 85 78 15 0.65 5 TYP. 3.300 50 11 100 85 25 29 19 84 10 MAX. 3.383 10.0 0.9 0.8 0.7 100 20 0.5 115 92 35 0.20 43 27 20 UNITS V V V V V V A A A kHz % % V V % msec
Tr: 2SD1628, IOUT=1.0mA VOUT=CE: Apply voltage Tr: 2SD1628, IOUT=1.0mA VOUT=CE=setting output voltage x 0.95 VOUT=CE=setting output voltage + 0.5V VOUT=setting output voltage x 0.95, CE=0V Same as IDD1 Same as IDD1 IOUT=0mA VOUT=setting output voltage x0.95 VOUT=setting output voltage x0.95 Same as IDD1, VEXT=VOUT-0.4V Same as IDD1, VEXT=0.4V
Conditions: Unless otherwise stated, connect VDD to VOUT; VIN=setting output voltage x 0.6, IOUT=130mA NOTE: * 1: When taking VDD from another power source please ensure that VDD = 2.0V or more. Oscillation will occur with a value of VDD = 0.8V or more, but with a value of VDD = 2.0V or more, output voltage and oscillation frequency will be stable. * 2: EFFI = {[(output voltage) x (output current)]/[(input voltage) x (input current)] x 100 * 3: Applies to the XC6368 series only (duty ratio when control changes to PFM).
561
XC6367/6368 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6367A501MR, XC6368A501MR PARAMETER Output Voltage Supply Voltage (* 1) Maximum Input Voltage Oscillation Start Voltage 1 Oscillation Start Voltage 2 Oscillation Hold Voltage Supply Current 1 Supply Current 2 Stand-by Current Oscillation Frequency Maximum Duty Ratio PFM Duty Ratio (* 3) CE "High" Voltage CE "Low" Voltage EXT "High" ON Resistance EXT "Low" ON Resistance Efficiency (* 2) Soft-Start Time SYMBOL VOUT VDD VIN VST1 VST2 VHLD IDD1 IDD2 ISTB FOSC MAXDTY PFMDTY VCEH VCEL REXTH REXTL EFFI TSS CONDITIONS VOUT=5.0V, FOSC=100kHz, Ta=25 MIN. 4875 2.0 10.0 85 78 15 0.65 5 TYP. 5.000 70 11 100 85 25 20 13 87 10 MAX. 5.125 10.0 0.9 0.8 0.7 120 22 0.5 115 92 35 0.20 29 19 20 UNITS V V V V V V A A A kHz % % V V % msec
Tr: 2SD1628, IOUT=1.0mA VOUT=CE: Apply voltage Tr: 2SX1628, IOUT=1.0mA VOUT=CE=setting output voltage x 0.95 VOUT=CE=setting output voltage + 0.5V VOUT=setting output voltage x 0.95, CE=0V Same as IDD1 Same as IDD1 IOUT=0mA VOUT=setting output voltage x0.95 VOUT=setting output voltage x0.95 Same as IDD1, VEXT=VOUT-0.4V Same as IDD1, VEXT=0.4V
Conditions: Unless otherwise stated, connect VDD to VOUT; VIN=setting output voltage x 0.6, IOUT=200mA NOTE: * 1: When taking VDD from another power source please ensure that VDD = 2.0V or more. Oscillation will occur with a value of VDD = 0.8V or more, but with a value of VDD = 2.0V or more, output voltage and oscillation frequency will be stable. * 2: EFFI = {[(output voltage) x (output current)]/[(input voltage) x (input current)] x 100 * 3: Applies to the XC6368 series only (duty ratio when control changes to PFM).
562
XC6367/6368
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6367B101MR, XC6368B101MR PARAMETER Output Voltage Supply Voltage (* 1) Maximum Input Voltage Oscillation Start Voltage 1 Oscillation Start Voltage 2 Oscillation Hold Voltage Supply Current 1 Supply Current 2 Stand-by Current Oscillation Frequency Maximum Duty Ratio PFM Duty Ratio (*3) CE "High" Voltage CE "Low" Voltage EXT "High" ON Resistance EXT "Low" ON Resistance Efficiency (* 2) Soft-Start Time SYMBOL VOUT VDD VIN VST1 VST2 VHLD IDD1 IDD2 ISTB FOSC MAXDTY PFMDTY VCEH VCEL REXTH REXTL EFFI TSS CONDITIONS VOUT=3.0V, FOSC=100kHz, Ta=25 MIN. 2.925 2.0 10.0 85 78 15 0.65 5 TYP. 3.000 50 11 100 85 25 32 20 84 10 MAX. 3.075 10.0 0.9 0.8 0.7 90 20 0.5 115 92 35 0.20 47 30 20 UNITS V V V V V V A A A kHz % % V V % msec
Tr: 2SD1628, IOUT=1.0mA VDD=CE: Apply voltage, FB=0V Tr: 2SD1628, IOUT=1.0mA VDD=CE=2.85V, FB=0V VDD=CE=3.5V, FB=1.2V VDD=2.85V, CE=0V, FB=0V Same as IDD1 Same as IDD1 IOUT=0mA VDD =2.85V,FB=0V VDD =2.85V,FB=0V Same as IDD1, VEXT=VDD-0.4V Same as IDD1, VEXT=0.4V
Conditions: Unless otherwise stated, VIN=1.8V, IOUT=120mA External components : RFB1 = 400k, RFB2 = 200k, CFB = 47pF NOTE: * 1: When taking VDD from another power source please ensure that VDD = 2.0V or more. Oscillation will occur with a value of VDD = 0.8V or more, but with a value of VDD = 2.0V or more, output voltage and oscillation frequency will be stable. * 2: EFFI = {[(output voltage) x (output current)]/[(input voltage) x (input current)] x 100 * 3: Applies to the XC6368 series only (duty ratio when control changes to PFM).
563
XC6367/6368 Series
TEST CIRCUITS
564
XC6367/6368
Series
TEST CIRCUITS (Continued)
565
XC6367/6368 Series
TEST CIRCUITS (Continued)
566
XC6367/6368
Series
TEST CIRCUITS (Continued)
567
XC6367/6368 Series
TEST CIRCUITS (Continued)
External Components
Tr : XP161A1355PR (N-ch Power MOSFET, TOREX) As the breakdown voltage of XP161A1355PR is 8V, take care with the power supply voltage. With output voltages over 6V, use the XP161A1265PR with a breakdown voltage of 12V. VST1 : XP161A1355PR = 1.2V (MAX.) XP161A1265PR = 1.5V (MAX.) : 22H (CR54, SUMIDA FOSC=300kHz) 47H (CR75, SUMIDA FOSC=100, 180kHz) 10H (CR54, SUMIDA FOSC=500kHz) : MA2Q735 (Schottky Diode, SUMIDA MATSUSHITA) : 16V, 220F (Aluminium Electrolytic Capacitor) : 16V, 47F + 47F (Tantalum capacitor, NICHICON MCE)
L
SD CIN CL NPN Tr type: Tr Rb Cb
: 2SD1628 (SANYO) : 500(Adjust according to load and Tr. hFE levels) : 2200pF (Ceramic Type) Set up so that CB < 1/(2x RB x FOSC x 0.7)
C, D, F type (soft-start externally set-up): CSS RSS : 0.1F (Ceramic Capacitor) : 470k(C, F Type), 220k(D Type)
B, D type (FB versions) RFB CFB : Set up so that RFB1/RFB2 = VOUT - 1 (VOUT = setting output voltage), Please use with RFB1 + RFB2 2M : Set up so that fzfb = 1/(2 xx CFB x RFB1) is within the 0.1 to 20kHz range (10kHz conventional) Adjustments necessary in respect of L, CL. VOUT = 3.0V RFB1 = 400k, RFB2 = 200k, CFB = 47pF
e.g
For using MOSFET, We recommend using TOREX MOSFETs, which has a gate protection diode built-in. GATE PROTECTION DIODE BUILT-IN MOSFET XP161A1355PR XP161A1265PR Rds (ON) 0.15@ Vgs=1.5V 0.095@ Vgs=2.5V
568
XC6367/6368
Series
NOTES ON USE
1. Take ample care to ensure that none of the IC's, nor the external component's, absolute maximum ratings are exceeded. 2. Be extremely careful when selecting parts and do not limit your reference to the specifications and characteristics for the DC/DC converter alone. The IC also depends, to a great extent, upon the external components. 3. Arrange the peripherals in the environs of the IC. In order to reduce wiring impedance, use short, thick wires. In particular, wire the load capacitor as close as possible and strengthen the ground wiring sufficiently. 4. Ground current during switching may cause the IC's operations to become unstable due to changes in ground voltage, so please strengthen the IC's GND pin surroundings.
External Components
1.Setting soft-start time In oder to lengthen soft-start time we recommend that you use the C or D types of the series which have soft start time externally set-up. Soft-start time (TSS) is between MIN & MAX, as indicated in the graphs below, so please select soft-start capacitor value (CSS) to suit your application.
2. RFB1, CFB set up fzfb = 1 / ( 2x CFB x RFB1 ) In order to achieve a value for fzfb within the range of 0.1kHz to 20kHz, we recommend that values for RFB1 & CFB are selected from the area indicated within the lines of fzfb = 0.1kHz and fzfb = 20 kHz as shown on the graph below. Please select combinations of values as close to the fzfb = 10kHz line as possible.
569
XC6367/6368 Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
570
XC6367/6368
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(1) Output Voltage vs. Output Current (Continued)
571
XC6367/6368 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Efficiency vs. Output Current
572
XC6367/6368
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Efficiency vs. Output Current (Continued)
573
XC6367/6368 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3) Ripple Voltage vs. Output Current
574
XC6367/6368
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3) Ripple Voltage vs. Output Current (Continued)
575
XC6367/6368 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Output Voltage vs. Ambient Temperature (5) Supply Current 1 vs. Ambient Temperature
(6) Supply Current 2 vs. Ambient Temperature
(7) Stand-by Current vs. Ambient Temperature
(8) EXT "H" On Resistance vs. Ambient Temperature
(9) EXT "L" On Resistance vs. Ambient Temperature
576
XC6367/6368
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Oscillation Frequency vs. Ambient Temperature (11) Maximum Duty Ratio vs. Ambient Temperature
(12) PFM Duty Ratio vs. Ambient Temperature
(13) Efficiency vs. Ambient Temperature
(14) Operation Start Voltage vs. Ambient Temperature
(15) Operation Hold Voltage vs. Ambient Temperature
577
XC6367/6368 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(16) Oscillation Start Voltage vs. Ambient Temperature (17) Soft-Start Time vs. Ambient Temperature
(18) CE "L" Voltage vs. Ambient Temperature
(19) CE "H" Voltage vs. Ambient Temperature
578
XC6367/6368
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(20) Load Transient Response
579


▲Up To Search▲   

 
Price & Availability of XC6368A302MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X